PART |
Description |
Maker |
3PF0 |
(3PF0 / 3PF8) RECTIFIE
|
Semtech Corporation
|
MBRS330T3 MBRS360T3 |
surface Mount Schottky Power Rectifie
|
TY Semiconductor Co., Ltd
|
CR80-040 CR150-100 CR80-020LEADFREE CENTRALSEMICON |
2.5V to 5.5V, 230µA Dual Rail-to-Rail Voltage Output 10-Bit DAC with Parallel Interface in 24-lead TSSOP 80 A, 400 V, SILICON, RECTIFIER DIODE, DO-5 150 A, 1000 V, SILICON, RECTIFIER DIODE, DO-8 80 A, 200 V, SILICON, RECTIFIER DIODE, DO-5 60 A, 200 V, SILICON, RECTIFIER DIODE, DO-5 60 A, 600 V, SILICON, RECTIFIER DIODE, DO-5 60 A, 800 V, SILICON, RECTIFIER DIODE, DO-5 60 A, 400 V, SILICON, RECTIFIER DIODE, DO-5 60 A, 1200 V, SILICON, RECTIFIER DIODE, DO-5 True Bipolar Input, Dual 12-Bit, 2-Channel, Simultaneous Sampling SAR ADC; Package: TSSOP; No of Pins: 24; Temperature Range: Industrial 80 A, 800 V, SILICON, RECTIFIER DIODE, DO-5
|
Central Semiconductor, Corp. CENTRAL SEMICONDUCTOR CORP
|
SDA188DECAUF SDA188DECAUFS SDA188DECAUFTX SDA188DE |
50 Amps Centertap Ultra Fast Rectifier Assembly 400 - 900 Volts 50 A, 400 V, SILICON, RECTIFIER DIODE
|
Solid States Devices, Inc http:// SOLID STATE DEVICES INC Solid States Devices, I...
|
SF163A SF164A SF165A SF166A SF161A SF162A |
GLASS PASSIVATED SUPER FAST RECTIFIER (VOLTAGE RANGE 50 to 400 Volts CURRENT 16 Amperes) 16 A, 400 V, SILICON, RECTIFIER DIODE, TO-220AB
|
RECTRON[Rectron Semiconductor]
|
SF164C SF163C SF165C SF166C SF161C SF162C |
GLASS PASSIVATED SUPER FAST RECTIFIER (VOLTAGE RANGE 50 to 400 Volts CURRENT 16 Amperes) 16 A, 400 V, SILICON, RECTIFIER DIODE, TO-220AB
|
RECTRON[Rectron Semiconductor]
|
SF26 SF21 SF24 SF22 SF23 SF25 |
2.0 Amp Super Fast Rectifier 50 to 400 Volts 2 A, 400 V, SILICON, RECTIFIER DIODE, DO-15
|
Micro Commercial Components, Corp. MCC[Micro Commercial Components]
|
RM400HA-34 RM400HA-34S |
Super Fast Recovery Single Diode Module (400 Amperes/1700 Volts) 400 A, 1700 V, SILICON, RECTIFIER DIODE
|
Powerex Power Semicondu... POWEREX[Powerex Power Semiconductors] Powerex, Inc.
|
ISD380-9 ISD25-15 ISDF65-7 ISD320-16 ISDR320-22 IS |
380 A, 900 V, SILICON, RECTIFIER DIODE 25 A, 1500 V, SILICON, RECTIFIER DIODE 65 A, 700 V, SILICON, RECTIFIER DIODE 320 A, 1600 V, SILICON, RECTIFIER DIODE 320 A, 2200 V, SILICON, RECTIFIER DIODE 160 A, 1400 V, SILICON, RECTIFIER DIODE 65 A, 400 V, SILICON, RECTIFIER DIODE 380 A, 1300 V, SILICON, RECTIFIER DIODE 380 A, 1200 V, SILICON, RECTIFIER DIODE 380 A, 1500 V, SILICON, RECTIFIER DIODE 380 A, 600 V, SILICON, RECTIFIER DIODE 380 A, 400 V, SILICON, RECTIFIER DIODE 380 A, 500 V, SILICON, RECTIFIER DIODE 160 A, 900 V, SILICON, RECTIFIER DIODE 160 A, 1000 V, SILICON, RECTIFIER DIODE 160 A, 500 V, SILICON, RECTIFIER DIODE
|
|
BYP60A05 BYP60A1 BYP60A2 BYP60A3 BYP60A4 BYP60A5 B |
Silicon Press-Fit-Diodes 60 A, 400 V, SILICON, RECTIFIER DIODE
|
Semikron International
|
|